
Electronic Component's Datasheet Search Site 
Mirror site (Language) :
English
, Chinese
, German
, Japanese
, Russian
, Korean
, Spanish
, French
, Italian
, Portuguese
, Polish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
|
|
|
Featured Products and Offers |
FDP8440 Datasheet (PDF) - Fairchild Semiconductor - N-Channel PowerTrench® MOSFET 40V, 277A, 2.2mΩ
|
|
|
|
| Part No. | FDP8440 |
|
| Download |
FDP8440 Click to view |
|
| File Size | 773.37 Kbytes |
|
| Page | 8 Pages |
|
| Maker | FAIRCHILD [Fairchild Semiconductor] |
|
| Homepage | http://www.fairchildsemi.com |
|
| Logo |  |
|
|
|
|
|
| |
Related keyword |
| FDP8440 Datasheet | FDP8440 Cross Reference | FDP8440 Schematic | FDP8440 Distributor | FDP8440 Datenblatt | FDP8440 RoHS |
| FDP8440 Equivalent | FDP8440 Application Notes | FDP8440 Data Sheet | FDP8440 component | FDP8440 Fiche Technique | FDP8440 Circuit |
|