Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4113-1-UR-1 Datasheet (PDF) - Sensitron

1N4113-1-UR-1 Datasheet PDF - Sensitron
Part # 1N4113-1-UR-1
Download  1N4113-1-UR-1 Download

File Size   84.31 Kbytes
Page   3 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description Zener 1.5W DIODE

1N4113-1-UR-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4113-1-UR-1 Datasheet PDF - Sensitron

Part # 1N4113-1-UR-1
Download  1N4113-1-UR-1 Click to download

File Size   84.31 Kbytes
Page   3 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description Zener 1.5W DIODE

1N4113-1-UR-1 Datasheet (HTML) - Sensitron

1N4113-1-UR-1 Datasheet HTML 1Page - Sensitron 1N4113-1-UR-1 Datasheet HTML 2Page - Sensitron 1N4113-1-UR-1 Datasheet HTML 3Page - Sensitron

1N4113-1-UR-1 Product details

• Zener voltage available from 12V to 100V

•Sharp Zener knee

•Metallurgically bonded




Similar Part No. - 1N4113-1-UR-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4113-1 CDI-DIODE-1N4113-1 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
M/A-COM Technology Solu...
1N4113-1 MA-COM-1N4113-1 Datasheet
895Kb / 4P
   500 mW power handling
More results


Similar Description - 1N4113-1-UR-1

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS4464 SENSITRON-SS4464 Datasheet
91Kb / 2P
   Zener 1.5W DIODE
1N4464 SENSITRON-1N4464 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
1N4614-1 SENSITRON-1N4614-1 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
SS4614-1 SENSITRON-SS4614-1 Datasheet
73Kb / 2P
   Zener 1.5W DIODE
1N4478 SENSITRON-1N4478 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
TAITRON Components Inco...
1N5913B TAITRON-1N5913B Datasheet
171Kb / 4P
   1.5W Zener Diodes
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
ZM1-5C3V3 JINGHENG-ZM1-5C3V3 Datasheet
69Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com