Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5C4009 Datasheet (PDF) - Austin Semiconductor

AS5C4009 Datasheet PDF - Austin Semiconductor
Part # AS5C4009
Download  AS5C4009 Download

File Size   108.28 Kbytes
Page   12 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 512K x 8 SRAM Ultra Low Power SRAM

AS5C4009 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5C4009 Datasheet PDF - Austin Semiconductor

Part # AS5C4009
Download  AS5C4009 Click to download

File Size   108.28 Kbytes
Page   12 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 512K x 8 SRAM Ultra Low Power SRAM

AS5C4009 Datasheet (HTML) - Austin Semiconductor

Back Button AS5C4009 Datasheet HTML 1Page - Austin Semiconductor AS5C4009 Datasheet HTML 2Page - Austin Semiconductor AS5C4009 Datasheet HTML 3Page - Austin Semiconductor AS5C4009 Datasheet HTML 4Page - Austin Semiconductor AS5C4009 Datasheet HTML 5Page - Austin Semiconductor AS5C4009 Datasheet HTML 6Page - Austin Semiconductor AS5C4009 Datasheet HTML 7Page - Austin Semiconductor AS5C4009 Datasheet HTML 8Page - Austin Semiconductor AS5C4009 Datasheet HTML 9Page - Austin Semiconductor AS5C4009 Datasheet HTML 10Page - Austin Semiconductor Next Button 

AS5C4009 Product details

GENERAL DESCRIPTION
The AS5C4009 is organized as 524,288 x 8 SRAM utilizing a special ultra low power design process. ASI’s pinout adheres to the JEDEC standard for pinout on 4 megabit SRAMs. The evolutionary 32 pin version allows for easy upgrades from the 1 meg SRAM design.

FEATURES
• Ultra Low Power with 2V Data Retention
    (0.2mW MAX worst case Power-down standby)
• Fully Static, No Clocks
• Single +5V ±10% power supply
• Easy memory expansion with CE and OE options
• All inputs and outputs are TTL-compatible
• Three state outputs
• Operating temperature range:
    Ceramic -55°C to +125°C & -40°C to +85°C
    Plastic -40°C to +85°C3




Similar Part No. - AS5C4009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
logo
Micross Components
AS5C4009 MICROSS-AS5C4009 Datasheet
162Kb / 12P
   Three state outputs
logo
List of Unclassifed Man...
AS5C4009CW-100 ETC1-AS5C4009CW-100 Datasheet
117Kb / 12P
   SRAM
AS5C4009CW-100/H ETC1-AS5C4009CW-100/H Datasheet
134Kb / 12P
   SRAM
logo
Micross Components
AS5C4009CW-100/H MICROSS-AS5C4009CW-100/H Datasheet
162Kb / 12P
   Three state outputs
More results


Similar Description - AS5C4009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT6400L08 ETC-GLT6400L08 Datasheet
146Kb / 10P
   Ultra Low Power 512k x 8 CMOS SRAM
logo
Etron Technology, Inc.
EM564081 ETRON-EM564081 Datasheet
287Kb / 12P
   512K x 8 Low Power SRAM
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
Brilliance Semiconducto...
BS62UV4000 BSI-BS62UV4000 Datasheet
336Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com