Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2036 Datasheet (PDF) - Maxim Integrated Products

MAX2036 Datasheet PDF - Maxim Integrated Products
Part # MAX2036
Download  MAX2036 Download

File Size   303.4 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultrasound VGA Integrated with CW Octal Mixer

MAX2036 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2036 Datasheet PDF - Maxim Integrated Products

Part # MAX2036
Download  MAX2036 Click to download

File Size   303.4 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultrasound VGA Integrated with CW Octal Mixer

MAX2036 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX2036 Datasheet HTML 1Page - Maxim Integrated Products MAX2036 Datasheet HTML 2Page - Maxim Integrated Products MAX2036 Datasheet HTML 3Page - Maxim Integrated Products MAX2036 Datasheet HTML 4Page - Maxim Integrated Products MAX2036 Datasheet HTML 5Page - Maxim Integrated Products MAX2036 Datasheet HTML 6Page - Maxim Integrated Products MAX2036 Datasheet HTML 7Page - Maxim Integrated Products MAX2036 Datasheet HTML 8Page - Maxim Integrated Products MAX2036 Datasheet HTML 9Page - Maxim Integrated Products MAX2036 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX2036 Product details

General Description
The MAX2036 8-channel variable-gain amplifier (VGA) and programmable octal mixer array is designed for high linearity, high dynamic range, and low-noise performance targeting ultrasound imaging and Doppler applications. Each amplifier features differential inputs and outputs and a total gain range of 50dB (typ). In addition, the VGAs offer very low output-referred noise performance suitable for interfacing with 10-bit ADCs.

Features
♦ 8-Channel Configuration
♦ High Integration for Ultrasound Imaging
   Applications
♦ Pin Compatible with the MAX2035 Ultrasound
   VGA

VGA Features
♦ Maximum Gain, Gain Range, and Output-Referred
   Noise Optimized for Interfacing with 10-Bit ADCs
   Maximum Gain of 39.5dB
   Total Gain Range of 50dB
   60nV/√Hz Ultra-Low Output-Referred Noise at
   5MHz
♦ ±0.5dB Absolute Gain Error
♦ 120mW Consumption per Channel
♦ Switchable Output VGA Clamp Eliminating ADC
   Overdrive
♦ Fully Differential VGA Outputs for Direct ADC
   Drive
♦ Variable Gain Range Achieves 50dB Dynamic
   Range
♦ -62dBc HD2 at VOUT = 1.5VP-P and fIN = 5MHz
♦ Two-Tone Ultrasound-Specific* IMD3 of -52dBc at
   VOUT = 1.5VP-P and fIN = 5MHz

CWD Mixer Features
♦ Low Mixer Noise of -155dBc/Hz at 1kHz Offset
   from 1.25MHz Carrier
♦ Serial-Programmable LO Phase Generator for 4, 8,
   16 LO Quadrature Phase Resolution
♦ Optional Individual Channel 4 x fLO LO Input
   Drive Capability
♦ 269mW Power Consumption per Channel (Normal
   Power Mode) and 226mW Power Consumption
   per Channel (Low-Power Mode)

Applications
   Ultrasound Imaging Sonar




Similar Part No. - MAX2036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2036 MAXIM-MAX2036 Datasheet
614Kb / 25P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 1; 6/09
MAX20360 MAXIM-MAX20360 Datasheet
5Mb / 35P
   Sense Test Point for Output-Voltage Measurement
Rev 2; 7/21
MAX20360EVKIT MAXIM-MAX20360EVKIT Datasheet
5Mb / 35P
   Sense Test Point for Output-Voltage Measurement
Rev 2; 7/21
MAX20360EVKIT# MAXIM-MAX20360EVKIT# Datasheet
5Mb / 35P
   Sense Test Point for Output-Voltage Measurement
Rev 2; 7/21
MAX20360HEVKIT# MAXIM-MAX20360HEVKIT# Datasheet
5Mb / 35P
   Sense Test Point for Output-Voltage Measurement
Rev 2; 7/21
More results


Similar Description - MAX2036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2036 MAXIM-MAX2036_1 Datasheet
614Kb / 25P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 1; 6/09
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
   Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
MAX2038 MAXIM-MAX2038 Datasheet
326Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2078 MAXIM-MAX2078 Datasheet
428Kb / 25P
   Octal-Channel Ultrasound Front-End with CW Doppler Mixers
Rev 0; 6/09
logo
Texas Instruments
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
logo
Analog Devices
AD9675 AD-AD9675 Datasheet
80Kb / 2P
   Octal Ultrasound AFE with JESD204B
Rev. PrB
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
   Octal Ultrasound AFE with JESD204B
logo
Maxim Integrated Produc...
MAX2079 MAXIM-MAX2079 Datasheet
3Mb / 49P
   Low-Power, High-Performance, Fully Integrated Octal Ultrasound Receiver (Octal LNA, VGA, AAF, ADC, and CWD Beamformer)
19-5901; Rev 1; 10/12
logo
Texas Instruments
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
[Old version datasheet]   Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
logo
Analog Devices
AD9670 AD-AD9670_17 Datasheet
828Kb / 53P
   Octal Ultrasound AFE with Digital Demodulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com