|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PDT392SM-CAMR09 - Dual Digit 7 Segment SMD Display 0.39” - P-tec Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PDT392SM-CAMB17 | Dual Digit 7 Segment SMD Display 0.39â | 1 | P-tec Corporation |
| PDT392SM-CAMG17 | Dual Digit 7 Segment SMD Display 0.39â | 1 | P-tec Corporation |
| PDT39SM-CADB17 | Single Digit 7 Segment SMD Display 0.39â | 1 | P-tec Corporation |
| PDT39SM-CADG17 | Single Digit 7 Segment SMD Display 0.39â | 1 | P-tec Corporation |
| PDT39SM-CADR09 | Single Digit 7 Segment SMD Display 0.39â | 1 | P-tec Corporation |
| PDT282SM-CAMB17 | Dual Digit 7 Segment 0.28â SMD Display | 1 | P-tec Corporation |
| PDT282SM-CAMG17 | Dual Digit 7 Segment 0.28â SMD Display | 1 | P-tec Corporation |
| PDT282SM-CAMR09 | Dual Digit 7 Segment 0.28â SMD Display | 1 | P-tec Corporation |
| PD07-CADR24 | Single Digit 7 Segment 0.39â Display | 1 | P-tec Corporation |
| AMR14A2 | 13.8mm 0.54 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY | 1 2 3 4 | SunLED Corporation |
Datasheet Page |
1 |
Link URL |
|
|