|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
200N3DR500FE - Brown Devil® Vitreous Enamel Power - Ohmite Mfg. Co. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| CEEH135 | General Power Transformer | 1 | Sumida Corporation |
| VT-3 | Vitreous Enamel Wirewound Resistors | 1 2 | Riedon Powertron |
| 91NJR10E | Lead Free Vitreous Enamel Molded Axial Term. Wirewound 5% Tolerance Standard | 1 2 | List of Unclassifed Manufacturers |
| CDRH127B | POWER INDUCTORS | 1 2 | Sumida Corporation |
| 21JR10E | Vitreous Enamel Conformal Axial Terminal Wirewound 5% Tolerance Standard | 1 | Ohmite Mfg. Co. |
| 91NJ1R0E | Lead Free Vitreous Enamel Molded Axial Term. Wirewound 5% Tolerance Standard | 1 2 | Ohmite Mfg. Co. |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| MAAPGM0030-DIE | 5.0-9.0 GHz 1W Power Amplifier | 1 2 3 4 5 More | Tyco Electronics |
| MPU100 | 100W Medical Grade Desktop Switching Power Adapters | 1 2 3 4 | Astrodyne Corporation |
Datasheet Page |
1 |
Link URL |
|
|