|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
12FR060 - Axial Wire Element Current Sense - Ohmite Mfg. Co. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM3814_05 | Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output | 1 2 3 4 5 More | National Semiconductor |
| TSC888 | Low cost high-side current sense amplifier | 1 2 3 4 5 More | STMicroelectronics |
| T-20100 | CURRENT SENSE TRANSFORMERS | 1 | Rhombus Industries Inc. |
| CT321-020 | SMD Current Sense Transformer | 1 | Datatronic Distribution, Inc. |
| IR3316PBF | LOW EMI CURRENT SENSE HIGH SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
| SR731HT | lo-ohm 0.5% 1% 2% 5%tolerance thick film current sense resistor | 1 2 | KOA Speer Electronics, Inc. |
| CT322-020 | SMD Current Sense Transformer | 1 | Datatronic Distribution, Inc. |
| 120ATC_08 | Aluminum Capacitors Axial High Temperature High Ripple Current | 1 2 3 4 5 More | Vishay Siliconix |
| CSE187-L | Current Sense Low Frequency Transformers | 1 | TRIAD MAGNETICS |
| VN5050AJ-E | Single channel high side driver with analog current sense for automotive applications | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 |
Link URL |
|
|