|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SPL1090CTPT - SCHOTTKY BARRIER RECTIFIER - Chenmko Enterprise Co. Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MBR3030PT_1 | 30A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MBR2070CT_1 | 20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| SBG2030CT_1 | 20A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MBR2535CT_1 | 30A SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| MBR10150FCT | 10 Am p High Voltage Power Schottky Barrier Rectifier 150 Volts | 1 2 3 | Micro Commercial Components |
| SS12-G | SMD Schottky Barrier Rectifier | 1 2 | Comchip Technology |
| SD820 | TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts | 1 2 | Dc Components |
| SB620FCT | 6.0A DUAL SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| SB2020FCT_06 | 20A DUAL SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| SB20150FCT | 20A HIGH VOLTAGE DULA SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|