|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TMPC-500 - 500W ATX PC Power Supply - Tumbler Technologies + TRUMPower |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FSP150-60DL | 150 Watts 24V DC Input Flex ATX Switching Power Supply | 1 | Sparkle Power Inc. |
| FSP150-60DL | 150 Watts 48V DC Input Flex ATX Switching Power Supply | 1 | Sparkle Power Inc. |
| PSM500-210 | PSM500 500W 1U RPS and Bulk n+1 Power Supply with active PFC | 1 2 3 | Phihong USA Inc. |
| FSP150-601U | 150 Watts ATX 1U Switching Power Supply | 1 2 | Sparkle Power Inc. |
| FSP200-60MD | 200 Watts ATX Switching Power Supply | 1 | Sparkle Power Inc. |
| FSP200-601U | 200 Watts ATX 1U Switching Power Supply | 1 2 | Sparkle Power Inc. |
| FSP300-60MD | 300 Watts ATX Switching Power Supply | 1 | Sparkle Power Inc. |
| SPI180LE | 180 Watts Flex ATX Switching Power Supply | 1 2 | Sparkle Power Inc. |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| SPI220LE | 220/250 Watts Flex ATX Switching Power Supply | 1 2 | Sparkle Power Inc. |
Datasheet Page |
1 |
Link URL |
|
|