Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM4001PT Datasheet (PDF) - Chenmko Enterprise Co. Ltd.

SM4001PT Datasheet PDF - Chenmko Enterprise Co. Ltd.
Part # SM4001PT
Download  SM4001PT Download

File Size   81.98 Kbytes
Page   2 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description GLASS PASSIVATED SILICON RECTIFIER

SM4001PT Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4001PT Datasheet PDF - Chenmko Enterprise Co. Ltd.

Part # SM4001PT
Download  SM4001PT Click to download

File Size   81.98 Kbytes
Page   2 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description GLASS PASSIVATED SILICON RECTIFIER

SM4001PT Datasheet (HTML) - Chenmko Enterprise Co. Ltd.

SM4001PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SM4001PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.

SM4001PT Product details

VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere



FEATURES

* Low leakage current

* Ideal for surface mounted applications

* Metallurgically bonded construction

* Plastic package has Underwriters Laboratory

  Flammability Classification 94V-0

* Glass passivated junction

* High temperature soldering guaranteed : 260℃/10 seconds at terminals



MECHANICAL DATA

Case: JEDEC SMA molded plastic

Terminals: Solder plated, solderable per MIL-STD-750,

Method 2026

Polarity: Indicated by cathode band

Weight: 0.002 ounces, 0.064 gram




Similar Part No. - SM4001PT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM4001PL MCC-SM4001PL Datasheet
213Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4001PL MCC-SM4001PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4001PL MCC-SM4001PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
SM4001PL MCC-SM4001PL Datasheet
249Kb / 4P
   1.0 Ampere Silion Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
SM4001PL CHENDA-SM4001PL Datasheet
593Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results


Similar Description - SM4001PT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Changzhou Shunye Electr...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shunye Enterprise
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL201G SMC-RL201G Datasheet
210Kb / 4P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com