|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SPU65 - 50-80W Switching Power Adapters - Tumbler Technologies + TRUMPower |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| MPU12A | 12W Medical Grade Wallmount Switching Power Adapters | 1 2 3 | Astrodyne Corporation |
| MPU30 | 30W Medical Grade Desktop Switching Power Adapters | 1 2 3 4 | Astrodyne Corporation |
| MPU50 | 50W Medical Grade Desktop Switching Power Adapters | 1 2 3 4 | Astrodyne Corporation |
| MPU100 | 100W Medical Grade Desktop Switching Power Adapters | 1 2 3 4 | Astrodyne Corporation |
| SPU15A | 15 Watt Desktop Switching Power Adapters | 1 2 3 4 5 | Astrodyne Corporation |
| SPU24 | 24 Watt Desktop Switching Power Adapters | 1 2 3 | Astrodyne Corporation |
| SPU45 | 45 Watt Desktop Switching Power Adapters | 1 2 3 4 | Astrodyne Corporation |
| SPU50 | 40-60 Watt Desktop Switching Power Adapters | 1 2 3 | Astrodyne Corporation |
| SPU130 | 130 Watt Desktop Switching Power Adapters | 1 2 3 | Astrodyne Corporation |
Datasheet Page |
1 |
Link URL |
|
|