|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CC-18-80W - Multi-Card Distribution Frame - Opticomm Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD9515 | 1.6 GHz Clock Distribution IC Dividers Delay Adjust Two Outputs | 1 2 3 4 5 More | Analog Devices |
| MPC940L | LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP | 1 2 3 4 5 More | Integrated Device Technology |
| CY29940-1 | 2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer | 1 2 3 4 5 More | Cypress Semiconductor |
| 4760 | Power Transformers Ch Frame | 1 | Filtran LTD |
| C7921CA-09 | High resolution and high frame rate | 1 2 3 4 5 More | Hamamatsu Corporation |
| ASM150 | 150W 2â x 4â Medical Grade Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
| REL185 | 185 Watt Open Frame Switching Power Supply with PFC | 1 2 3 | Astrodyne Corporation |
| VS-100F-24 | Open Frame Power Supply | 1 2 | CUI INC, |
| SAR605SU | miniature fully screened open frame | 1 2 | List of Unclassifed Manufacturers |
| BAO100 | 100W Open Frame AC-DC Power Modules with PFC | 1 2 | Broadband TelCom Power, Inc. |
Datasheet Page |
1 |
Link URL |
|
|