|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
WTIH1598S01 - 980/1550 nm WDM/Tap Coupler/Isolator Hybrid Combination - OPLINK Communications Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| WTIH1514S0121 | 1480/1550nm WDM/TAP Coupler/Isolator Hybrid Combination | 1 2 | OPLINK Communications Inc. |
| TCIHG1550S1 | 1550 1585 nm Tap Coupler/Isolator Hybrid Combination | 1 2 | OPLINK Communications Inc. |
| BFIHAS00000111 | Band Pass Filter / Isolator Hybrid Combination | 1 2 | OPLINK Communications Inc. |
| MVM402P10 | 4000 V Miniature Hybrid Multiplier | 1 2 | Voltage Multipliers Inc. |
| STC03DE220HV | Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM | 1 2 3 4 5 More | STMicroelectronics |
| H-1-4 | UHF Hybrid Junction 5 MHz - 1 GHz | 1 | Tyco Electronics |
| JH-140_1 | High Frequency Quadrature Hybrid 500 - 1000 MHz | 1 2 | Tyco Electronics |
| NTE1028 | Integrated Circuit Module Hybrid Audio Power Amp 20W | 1 2 | NTE Electronics |
| 1A0220-3 | Hybrid Couplers | 1 2 | Anaren Microwave |
Datasheet Page |
1 2 |
Link URL |
|
|