|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
D2T - Basic Switch - Omron Electronics LLC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| V5B210CB1C | V5 Series Miniature Basic Switch | 1 2 3 4 5 | Honeywell Solid State Electronics Center |
| RZUP015A | Basic pressure sensors | 1 2 3 4 5 | Sensortechnics GmbH |
| NB4N840M | 3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination | 1 2 3 4 5 More | ON Semiconductor |
| MA4AGSW3 | AlGaAs SP3T PIN Diode Switch | 1 2 3 4 5 More | Tyco Electronics |
| IRFB4229PBF | PDP SWITCH | 1 2 3 4 5 More | International Rectifier |
| RT9703 | 80m⦠3A Smart Universal Power Switch with Flag | 1 2 3 4 5 More | Richtek Technology Corporation |
| IPS1051LPBF | SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
| IPS6011PBF | INTELLIGENT POWER HIGH SIDE SWITCH | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|