Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE24A Datasheet (PDF) - SynSemi, Inc.

P6KE24A Datasheet PDF - SynSemi, Inc.
Part # P6KE24A
Download  P6KE24A Download

File Size   401.09 Kbytes
Page   3 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description TRANSIENT VOLTAGE SUPPRESSOR

P6KE24A Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE24A Datasheet PDF - SynSemi, Inc.

Part # P6KE24A
Download  P6KE24A Click to download

File Size   401.09 Kbytes
Page   3 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description TRANSIENT VOLTAGE SUPPRESSOR

P6KE24A Datasheet (HTML) - SynSemi, Inc.

P6KE24A Datasheet HTML 1Page - SynSemi, Inc. P6KE24A Datasheet HTML 2Page - SynSemi, Inc. P6KE24A Datasheet HTML 3Page - SynSemi, Inc.

P6KE24A Product details

VBR : 6.8 - 440 Volts

PPK : 600 Watts



FEATURES :

* 600W surge capability at 1ms

* Excellent clamping capability

* Low zener impedance

* Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.)

* Typical IR less then 1mA above 10V



 




Similar Part No. - P6KE24A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
P6KE24A HY-P6KE24A Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Motorola, Inc
P6KE24A MOTOROLA-P6KE24A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE24A VISHAY-P6KE24A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
DAESAN ELECTRONIC CORP.
P6KE24A DAESAN-P6KE24A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
SUNMATE electronic Co.,...
P6KE24A SUNMATE-P6KE24A Datasheet
71Kb / 4P
   600W Axial Lead Transient Voltage Suppessors
More results


Similar Description - P6KE24A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com