|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LPTC4125A - Ultra-Low PDL Fused Tap Coupler - OPLINK Communications Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CH20-0033-17G_1 | Low Cost SMT 17dB Bi-Directional Coupler 1700-2000 MHz | 1 2 | Tyco Electronics |
| MACP-008125-CK07F0 | Broadband CATV Coupler 5-1000MHz | 1 2 3 | Tyco Electronics |
| ZX30-20-4 | Coaxial Directional Coupler | 1 | Mini-Circuits |
| SC-4B | DIRECTIONAL COUPLER SURFACE MOUNT MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| XC1900A-03 | Hybrid Coupler 3 dB 90° | 1 2 3 4 5 More | Anaren Microwave |
| XC0900A-10 | 10 dB Directional Coupler | 1 2 3 4 5 More | Anaren Microwave |
| XC3500M-20S | 20dB Directional Coupler | 1 2 3 4 5 More | Anaren Microwave |
| BC03M | COUPLER Product Specification | 1 | SIRENZA MICRODEVICES |
| CHP27XX-XXF-XXR | OUTLINE HP 600W DUAL COAX DIRECTIONAL COUPLER | 1 | Advanced Technical Materials Inc. |
| CSD-10H-1.5G | DIRECTIONAL COUPLER | 1 2 | Merrimac Industries, Inc. |
Datasheet Page |
1 2 3 |
Link URL |
|
|