|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CSS-S20123A9 - 0.2 Inch Single Digit SMD Display - China Semiconductor Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CSD-S20240V9 | 0.2 Inch Dual Digit SMD Display | 1 2 3 4 5 More | China Semiconductor Corporation |
| CSD-S20240A9 | 0.2 Inch Dual Digit SMD Display | 1 2 3 4 5 More | China Semiconductor Corporation |
| CSD-S20240B7 | 0.2 Inch Dual Digit SMD Display | 1 2 3 4 5 More | China Semiconductor Corporation |
| CSD-S20240G | 0.2 Inch Dual Digit SMD Display | 1 2 3 4 5 More | China Semiconductor Corporation |
| CSD-S20240G | 0.2 Inch Dual Digit SMD Display | 1 2 3 4 5 More | China Semiconductor Corporation |
| CSD-S20240M9 | 0.2 Inch Dual Digit SMD Display | 1 2 3 4 5 More | China Semiconductor Corporation |
| CSD-S20240S | 0.2 Inch Dual Digit SMD Display | 1 2 3 4 5 More | China Semiconductor Corporation |
| CSD-S20240T9 | 0.2 Inch Dual Digit SMD Display | 1 2 3 4 5 More | China Semiconductor Corporation |
| SC10-11GWA | 26mm 1.02 INCH SINGLE DIGIT NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| PSC12-11YWA | 30.48mm 1.2 INCH 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|