|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TC213 - 1024- × 512-pixel ccd image sensor - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TC215 | 1024- Ã 1024-PIXEL CCD IMAGE SENSOR | 1 2 3 4 5 More | Texas Instruments |
| UPD3734A | 2660 PIXELS CCD LINEAR IMAGE SENSOR | 1 2 3 4 5 More | NEC |
| TCD1208AP | CCD LINEAR IMAGE SENSOR | 1 2 3 4 5 More | Toshiba Semiconductor |
| TCD1702C | CCD LINEAR IMAGE SENSOR | 1 2 3 4 5 More | Toshiba Semiconductor |
| TCD2557D | CCD LINEAR IMAGE SENSOR | 1 2 3 4 5 More | Toshiba Semiconductor |
| KC73125UBA | 1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA | 1 2 3 4 5 More | Samsung semiconductor |
| CXD2492R | Timing Generator for Frame Readout CCD Image Sensor | 1 2 3 4 5 More | Sony Corporation |
| ICX027BLA | 1/2 INCH CCD IMAGE SENSOR FOR CCIR B/W CAMERA | 1 2 3 4 5 More | Sony Corporation |
| ICX055BK | Diagonal 6mm Type 1/3 CCD Image Sensor for PAL Color Video Cameras | 1 2 3 4 5 More | Sony Corporation |
| ICX068AL | Diagonal 4.5mm Type 1/4 CCD Image Sensor for EIA B/W Video Cameras | 1 2 3 4 5 More | Sony Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 |
Link URL |
|
|