|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
54809 - 0.30 and 0.50mm Pitch Ultra-low Profile SMT FFC/FPC Connectors - Molex Electronics Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 39890-03 | 5.00 and 5.08mm .197 and .200â Pitch Beau® Eurostyle® Low Profile Terminal Blocks | 1 2 | Molex Electronics Ltd. |
| 74506 | 0.50mm .020â Pitch LaneLink⢠4x and 12x Cable Assemblies | 1 2 | Molex Electronics Ltd. |
| 75475-1004 | 1.50mm .059â Pitch Plateau HS Dock⢠PG with 2 Power and 2 Guide Modules High-Speed Docking Connectors | 1 2 | Molex Electronics Ltd. |
| 218_08 | SMT Half Pitch DIP Switch-Auto Placeable | 1 2 | CTS Corporation |
| AVES226M06B12T-F | Low Profile SMT Aluminum Electrolytic Capacitors | 1 2 3 4 | Cornell Dubilier Electronics |
| RT1-5 | RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1 | 1 2 | Adam Technologies, Inc. |
| RT9186A | Low Profile 500mA LDO with Enable and Power Good/Reset | 1 2 3 4 5 More | Richtek Technology Corporation |
| BL-HE1G033B-TRB | Hi-Eff Red and Yellow Green Suitable for all SMT assembly methods. | 1 2 3 4 5 More | BRIGHT LED ELECTRONICS CORP |
Datasheet Page |
1 2 |
Link URL |
|
|