|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
87818-0001 - iCool™ Low Profile VRM Connector - Molex Electronics Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| L829-1X1T-91 | INTEGRATED CONNECTOR MODULES 10/100Base-TX Ultra Low Profile MagJack | 1 2 3 | Bel Fuse Inc. |
| LP21 | Low Profile Crystal | 1 2 3 4 5 More | Pletronics, Inc. |
| FC-12M | kHz RANGE CRYSTAL UNIT LOW PROFILE SMD | 1 2 | Epson ToYoCom |
| 87587-0048 | Low Profile DIMM Socket | 1 2 | Molex Electronics Ltd. |
| B41852 | Single-Ended GP Capacitors Low Profile | 1 2 3 4 5 More | EPCOS |
| HM65 | High Current Low Profile Surface Mount Inductors | 1 2 | Bi technologies |
| ASF1 | 5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS | 1 | Abracon Corporation |
| HM74 | High Frequency High Current Low Profile Surface Mount Inductors | 1 2 3 | Bi technologies |
| M85331JXX | Thick Film Low Profile SIP Conformal Coated Resistor Networks | 1 2 3 4 | Bi technologies |
| CX4VSM | Ultra-Miniature Low Profile Surface Mount Quartz Crystal | 1 2 | STATEK CORPORATION |
Datasheet Page |
1 2 |
Link URL |
|
|