|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
50351-8000 - 2.50mm (.098") Pitch Mini-Lock™ - Molex Electronics Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 52117-024X | 2.50mm .098" Pitch Splash Proof Wire-to-Wire Systems | 1 2 | Molex Electronics Ltd. |
| SEL5021 | 5-mm Pitch Lead 3phi Lens-type LED Direct Mount | 1 | Sanken electric |
| PC3Q65 | High Sensitivity Type Half Pitch Photocoupler | 1 2 3 4 | Sharp Electrionic Components |
| 218_08 | SMT Half Pitch DIP Switch-Auto Placeable | 1 2 | CTS Corporation |
| VTSR-AA | 25 or 50 Mil Pitch T-Filter Resistor/Capacitor Networks | 1 2 3 4 | Vishay Siliconix |
| YPKG-62CG-7973DC | CG624 32.5x32.5mm 1.27mm pitch Daisy Chain Package Drawing | 1 2 3 4 5 More | Actel Corporation |
| 46556-2345 | 1.27mm .050â Pitch SEARAY*Slim 4-Row Connectors | 1 2 | Molex Electronics Ltd. |
| 39890-05 | 5.00 and 5.08mm .197 and .200â Pitch Beau® Eurostyle® Multi-Level Fixed Terminal Blocks | 1 2 | Molex Electronics Ltd. |
| SEL5023 | 5-mm Pitch Lead Bow-shaped LED Direct Mount | 1 | Sanken electric |
| PC3H5 | High Sensitivity Type Half Pitch Photocoupler | 1 2 3 4 | Sharp Electrionic Components |
Datasheet Page |
1 2 |
Link URL |
|
|