|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
5045 - KK Mini -2.50mm & 2.54mm Modular Interconnection System - Molex Electronics Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 3192 | KK Maxi-3.96mm & 5.08mm Modular Interconnection System | 1 2 | Molex Electronics Ltd. |
| SMS2P1 | Trim Trio Interconnection System | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| MPH20FT | MINI FLEX CONNECTOR FLAT CABLE & PCB MOUNT SYSTEM | 1 | Adam Technologies, Inc. |
| K8006 | BASE UNIT for HOME MODULAR LIGHT SYSTEM | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| 34690-0200 | Stac64⢠2.54mm .100â Single Multi-Pockect and Hybrid Header System | 1 2 | Molex Electronics Ltd. |
| 75100 | 2.54mm .100â Pitch C-Grid Compliant Pin Headers | 1 2 | Molex Electronics Ltd. |
| 2020 | Directional Couplers Mini Octave Brandwidth | 1 2 | Tyco Electronics |
| SR22_05 | MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Pan Jit International Inc. |
| EMD1S_02 | SINGLE-PHASE GLASS PASSIVATED MINI SUPER FAST SURFACE MOUNT BRIDGE RECTIFIER | 1 2 3 | Rectron Semiconductor |
| 65-21-Y2SC-AR1S2B-2T | Mini Top View LEDs | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
Datasheet Page |
1 2 |
Link URL |
|
|