|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
39930-02 - 3.81 and 5.08mm (.150 and .200") Pitch Beau® EuroMate® Pluggable Barrier Strip - Molex Electronics Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 39890-03 | 5.00 and 5.08mm .197 and .200â Pitch Beau® Eurostyle® Low Profile Terminal Blocks | 1 2 | Molex Electronics Ltd. |
| 39890-05 | 5.00 and 5.08mm .197 and .200â Pitch Beau® Eurostyle® Multi-Level Fixed Terminal Blocks | 1 2 | Molex Electronics Ltd. |
| 39380-0102 | 6.35 and 9.52mm .250 and .375â Pitch Beau® Eurostyle® Terminal Blocks | 1 2 | Molex Electronics Ltd. |
| 39371-00 | 7.50mm .295â Pitch 37 Series Beau® Eurostyle® Pluggable Terminal Blocks | 1 2 | Molex Electronics Ltd. |
| 74LCX162541 | Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs | 1 2 3 4 5 More | STMicroelectronics |
| MBR1030 | Wide Temperature Range and High Tjm Schottky Barrier Rectifiers | 1 2 | Sirectifier Semiconductors |
| MBR3030CT | Wide Temperature Range and High Tjm Schottky Barrier Rectifiers | 1 2 | Sirectifier Semiconductors |
| MBR2X60 | Wide Temperature Range and High Tjm Schottky Barrier Rectifiers | 1 2 | Sirectifier Semiconductors |
Datasheet Page |
1 2 |
Link URL |
|
|