|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AP3406A - 1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER - BCD Semiconductor Manufacturing Limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AP3406 | 1.1MHz 650mA SYNCHRONOUS DC-DC BUCK CONVERTER | 1 2 | BCD Semiconductor Manufacturing Limited |
| EV2105DJ-00A | 800mA Synchronous Buck Step-Down Converter | 1 2 3 4 | Monolithic Power Systems |
| MP2109_06 | Dual 1.2MHz 800mA Synchronous Step-Down Converter | 1 2 3 4 5 More | Monolithic Power Systems |
| SC196A | 1.5A Synchronous Buck Converter with Integrated Power Devices | 1 2 3 4 5 More | Semtech Corporation |
| RT9202_07 | Single Synchronous Buck PWM DC-DC Controller | 1 2 3 4 5 More | Richtek Technology Corporation |
| IRDCIP2001-A | 500kHz 40A 2-phase Synchronous Buck Converter using iP2001 | 1 2 3 4 5 More | International Rectifier |
| F72814 | Synchronous Buck PWM DC-DC Controller | 1 2 3 4 5 More | Feature Integration Technology Inc. |
| AME5249 | 1.5MHz 600mA Synchronous Buck Converter | 1 2 3 4 5 More | Analog Microelectronics |
| SP6654_05 | High Efficiency 800mA Synchronous Buck Regulator | 1 2 3 4 5 More | Sipex Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|