|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
11N40L-TF3-T - 400V N-CHANNEL MOSFET - Unisonic Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UF730 | 5.5A 400V 1.0 OHM N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| UF740 | 10A 400V 0.55 OHM N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| KQS4901 | 400V Dual N-Channel MOSFET | 1 2 | Guangdong Kexin Industrial Co.,Ltd |
| FDD3N40 | 400V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP6N40CF_06 | 400V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDA24N40F | N-Channel MOSFET FRFET 400V 23A 0.19Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDP24N40 | N-Channel MOSFET 400V 24A 0.175Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDP26N40 | N-Channel MOSFET 400V 26A 0.16Ω | 1 2 3 4 5 More | Fairchild Semiconductor |
| STB11NK40Z_07 | N-channel 400V - 0.49Ω - 9A TO-220 - TO-220FP - D2PAK Zener-protected SuperMESHTM Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| SIS436DN | N-Channel 25-V D-S MOSFET | 1 2 3 4 5 More | Vishay Siliconix |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|