|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
74337 - 0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle - Molex Electronics Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 51021 | 1.25mm .049 Pitch Wire-to-Wire and Wire-to-Board Receptacle | 1 | List of Unclassifed Manufacturers |
| 501334-0000 | 1.00mm .039" pitch wire-to-board connector | 1 2 | Molex Electronics Ltd. |
| 76105 | 0.80mm .031â Pitch iPass+ 84-Circuit 120 Gbps Products | 1 2 | Molex Electronics Ltd. |
| 75310-0001 | 0.80mm .031â Pitch SFP Stacked Multi-Port Connectors | 1 2 | Molex Electronics Ltd. |
| 177983-0 | RECEPTACLE ASSEMBLY SH TYPE O.5 BOSS LENGTH FOR FH 0.8MM PITCH B-T-B CONNECTOR | 1 2 | List of Unclassifed Manufacturers |
| SEL5021 | 5-mm Pitch Lead 3phi Lens-type LED Direct Mount | 1 | Sanken electric |
| PC3Q65 | High Sensitivity Type Half Pitch Photocoupler | 1 2 3 4 | Sharp Electrionic Components |
| 218_08 | SMT Half Pitch DIP Switch-Auto Placeable | 1 2 | CTS Corporation |
| VTSR-AA | 25 or 50 Mil Pitch T-Filter Resistor/Capacitor Networks | 1 2 3 4 | Vishay Siliconix |
| YPKG-62CG-7973DC | CG624 32.5x32.5mm 1.27mm pitch Daisy Chain Package Drawing | 1 2 3 4 5 More | Actel Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|