Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N29 Datasheet (PDF) - Motorola, Inc

4N29 Datasheet PDF - Motorola, Inc
Part # 4N29
Download  4N29 Download

File Size   287.06 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description STANDARD THRU HOLE CASE 730A-04

4N29 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N29 Datasheet PDF - Motorola, Inc

Part # 4N29
Download  4N29 Click to download

File Size   287.06 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description STANDARD THRU HOLE CASE 730A-04

4N29 Datasheet (HTML) - Motorola, Inc

4N29 Datasheet HTML 1Page - Motorola, Inc 4N29 Datasheet HTML 2Page - Motorola, Inc 4N29 Datasheet HTML 3Page - Motorola, Inc 4N29 Datasheet HTML 4Page - Motorola, Inc 4N29 Datasheet HTML 5Page - Motorola, Inc 4N29 Datasheet HTML 6Page - Motorola, Inc

4N29 Product details

The 4N29/A, 4N30, 4N31, 4N32(1) and 4N33(1) devices consist of a gallium arsenide infrared emitting diode optically coupled to a monolithic silicon photodarlington detector.
This series is designed for use in applications requiring high collector output currents at lower input currents.

• Higher Sensitivity to Low Input Drive Current
• Meets or Exceeds All JEDEC Registered Specifications
• To order devices that are tested and marked per VDE 0884 requirements, the suffix “V” must be included at end of part number. VDE 0884 is a test option.

Applications
• Low Power Logic Circuits
• Interfacing and coupling systems of different potentials and impedances
• Telecommunications Equipment
• Portable Electronics
• Solid State Relays




Similar Part No. - 4N29

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
4N29 QT-4N29 Datasheet
136Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
4N29 FAIRCHILD-4N29 Datasheet
437Kb / 8P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
4N29 TOSHIBA-4N29 Datasheet
301Kb / 6P
   TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
logo
Fairchild Semiconductor
4N29 FAIRCHILD-4N29 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
Everlight Electronics C...
4N29 EVERLIGHT-4N29 Datasheet
327Kb / 13P
   6 PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Similar Description - 4N29

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N35 MOTOROLA-4N35 Datasheet
276Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
4N38 MOTOROLA-4N38 Datasheet
293Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
2N5208 MOTOROLA-2N5208 Datasheet
297Kb / 5P
   CASE 29-04,STYLE 2 TO-92(TO-226AA)
2N7000 MOTOROLA-2N7000 Datasheet
77Kb / 4P
   CASE 29-04, STYLE 22 TO-92 (TO-226AA)
logo
E-SWITCH
04-SRJ10 E-SWITCH-04-SRJ10 Datasheet
79Kb / 1P
   04-SRJ10
logo
3M Electronics
529-04-50 3M-529-04-50 Datasheet
57Kb / 1P
   3M??Adapter 529-04-50, 110-120 VAC, 1 EA/Case
logo
Mercury United Electron...
H49 MERCURY-H49 Datasheet
115Kb / 1P
   Thru - Hole Crystals
HUS MERCURY-HUS Datasheet
104Kb / 1P
   Thru - Hole Crystals
logo
XFMRS Inc.
1004 XFMRS-1004 Datasheet
38Kb / 1P
   DUAL THRU HOLE
logo
AiT Semiconductor Inc.
KTD AITSEMI-KTD Datasheet
233Kb / 1P
   THRU-HOLE TCXO
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com