|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
45570-3000 - 3.96mm (.156”) Pitch MarKK™ Crimp Terminal - Molex Electronics Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| YAW396 | 3.96mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 39100-0902 | 8.00mm .315â Pitch 10.00mm .394â Pitch 12.00mm .472â Pitch 15.00mm .591â Pitch Eurostyle® Two-Screw Terminal Strip | 1 2 | Molex Electronics Ltd. |
| PC3H2 | Mini-flat Half Pitch Package High CMR Photocoupler | 1 2 3 4 5 More | Sharp Electrionic Components |
| FCZ254-13B | 2.54mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| TOMC_08 | Molded 50 Mil Pitch Resistor Networks | 1 2 3 | Vishay Siliconix |
| RMKMS | Molded 50 Mil Pitch Dual-In-Line Resistor Networks | 1 2 3 | Vishay Siliconix |
| 75650 | 1.85 by 1.85mm .073 by .073â Pitch GbX* Backplane Connector System in 2 3 4 and 5-Pair Columns | 1 2 3 | Molex Electronics Ltd. |
| 1039980000 | Rail Mounted Terminal Blocks | 1 2 | List of Unclassifed Manufacturers |
| NLA-PM100D | Multi-functions Power Monitoring and Control Terminal | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 |
Link URL |
|
|