|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
76155-0104 - 1.90 by 1.35mm (.075” by .053”) Pitch ImpactTM Backplane Connector System 4 Pair - Molex Electronics Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 75650 | 1.85 by 1.85mm .073 by .073â Pitch GbX* Backplane Connector System in 2 3 4 and 5-Pair Columns | 1 2 3 | Molex Electronics Ltd. |
| 177983-0 | RECEPTACLE ASSEMBLY SH TYPE O.5 BOSS LENGTH FOR FH 0.8MM PITCH B-T-B CONNECTOR | 1 2 | List of Unclassifed Manufacturers |
| FCZ254-13B | 2.54mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| FCZ100E-04RS-K_07 | 1.00mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 49063 | 0.30mm .012â Pitch FPC Connector 1.20mm .047â Height | 1 2 | Molex Electronics Ltd. |
| FCZ100C-04RS-K_07 | 1.00mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 45970 | 1.27 by 1.27mm .050 by .050â Pitch SEARAY* Connector | 1 2 | Molex Electronics Ltd. |
| 12520HS-10 | 1.25mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 12517HS-06_07 | 1.25mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 500797 | 0.30mm .012" Pitch FPC Connector 1.05mm .041" Height | 1 2 | Molex Electronics Ltd. |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|