|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AND185HOP - InGaAlP High Brightness Orange Light - Purdy Electronics Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AND156EYP | InGaAlP High Brightness Yellow Light Emission | 1 2 | Purdy Electronics Corporation |
| AND157HRP | InGaAlP High Brightness Red Light Emission | 1 2 | Purdy Electronics Corporation |
| AND157HYP | InGaAlP High Brightness Yellow Light Emission | 1 2 | Purdy Electronics Corporation |
| AND4OA | InGaAlP Ultra Bright Orange Light Emission Surface Mount Package | 1 2 | Purdy Electronics Corporation |
| AND156HOP | InGaAlP Orange Light Emission | 1 2 | Purdy Electronics Corporation |
| GT-NE6H1925T | 6mm X 19mm NEON LAMP ORANGE HIGH BRIGHTNESS | 1 | LUMEX INC. |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| GT-NE6S1925T | 6mm x 19mm NEON LAMP ORANGE HIGH BRIGHTNESS WITH 3K RESISTOR | 1 | LUMEX INC. |
| L10366 | HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT | 1 2 3 4 | Hamamatsu Corporation |
| TLOH9203 | InGaAlP ORANGE LIGHT EMISSION AF auxiliary light source for digital still cameras | 1 2 3 4 5 More | Toshiba Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|