|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AND10C210-4HB - 10.4” VGA Color TFT LCD Module - Purdy Electronics Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ACX705AKM_1 | Low Temperature Polycrystalline Silicon 6.9 cm 2.7-type 1/8 VGA Color Reflective LCD Module with Built-in Low-power 3-bit D/A Converter | 1 2 | Sony Corporation |
| LM019LC1S05 | GF color LCD Module | 1 | Sharp Electrionic Components |
| LM8M64_07 | Color STN LCD Module | 1 2 3 4 5 More | Sharp Electrionic Components |
| SPFD54126B | 528-CHANNEL DRIVER WITH SYSTEM-ON-CHIP SOC FOR COLOR AMORPHOUS TFT LCD | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| LC201V02-A3 | 20.1 VGA TFT LCD | 1 2 3 4 5 More | NXP Semiconductors |
| LQ150X1MW21 | TFT LCD Module | 1 2 3 4 5 More | Sharp Electrionic Components |
| PW036XS3 | 3.6â color TFT-LCD module | 1 2 3 4 5 More | AZ Displays |
| AMIS-710650 | Color CIS Module Analog Video Output | 1 2 3 4 5 More | AMI SEMICONDUCTOR |
| E910.37 | LCD controller driver for grey scale ECB color displays | 1 | ELMOS Semiconductor AG |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|