|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PSM11R-120 - 10W Interchangeable Plug Series - Phihong USA Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PSA11R-033 | 10W Interchangeable Plug Series | 1 2 | Phihong USA Inc. |
| PSC20R-120 | 20-WATT INTERCHANGEABLE PLUG SERIES | 1 2 | Phihong USA Inc. |
| PSC30R-120 | 30-WATT INTERCHANGEABLE PLUG SERIES | 1 2 | Phihong USA Inc. |
| PSM08R-050 | 8W Interchangeable Plug Series | 1 2 | Phihong USA Inc. |
| PSA05R-033 | 5W Interchangeable Plug Series | 1 2 | Phihong USA Inc. |
| PSA10R-033 | 10 Watt Interchangeable Plug Series | 1 2 3 | Phihong USA Inc. |
| PSA15R-050P | 15 WATT INTERCHANGEABLE PLUG SERIES | 1 2 | Phihong USA Inc. |
| PSA21R-033 | 15-20 Watt Interchangeable Plug Series | 1 2 3 | Phihong USA Inc. |
| PSA-30R-033 | 30 Watt Interchangeable Plug Series | 1 2 3 | Phihong USA Inc. |
| PSAA20R-120 | 20-WATT INTERCHANGEABLE PLUG SERIES | 1 2 | Phihong USA Inc. |
Datasheet Page |
1 2 |
Link URL |
|
|