|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FTM-33X0C-X10EG - 10Gbps 1310nm XFP Transceiver - Source Photonics, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MF-10KSXA-007ZA | 10Gbps 1310nm XFP Optical Transceiver | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| MF-10KSXA-008ZA | 10Gbps 1550nm XFP Optical Transceiver | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| ADN2928 | XFP Single Chip Transceiver IC | 1 2 3 4 5 More | Analog Devices |
| SI5040 | 10 Gbps XFP Transceiver | 1 2 | Silicon Laboratories |
| MF-10KSXA | 10Gb/s XFP Transceiver with DDM function for Telecommunication | 1 | Mitsubishi Electric Semiconductor |
| XPD-MR-D1215CDA | 10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary | 1 2 3 4 5 More | Source Photonics, Inc. |
| FTLX3812S317 | RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver | 1 2 3 4 5 More | Finisar Corporation. |
| XPD-MR-04-15CDA | 10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary | 1 2 3 4 5 More | Source Photonics, Inc. |
| XP-MR-08-CDA | 10 Gbps 80km Multirate XFP Transceiver Preliminary | 1 2 3 4 5 | Source Photonics, Inc. |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|