|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PSA11R-033 - 10W Interchangeable Plug Series - Phihong USA Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PSA05R-033 | 5W Interchangeable Plug Series | 1 2 | Phihong USA Inc. |
| PSA10R-033 | 10 Watt Interchangeable Plug Series | 1 2 3 | Phihong USA Inc. |
| MPJ-3P | MINI DIN POWER JACK & PLUG MPJ & MP SERIES | 1 | Adam Technologies, Inc. |
| IAC5Q | Plug into mounting borards for Quad Series modules | 1 2 3 4 | Crydom Inc., |
| IRAM136-0461G | iMOTION⢠Series 4A 600V Plug N DriveTM Integrated Power Module for Energy Efficient Motor Drives | 1 2 3 4 5 More | International Rectifier |
| LXMG1626-12-67 | 12V 10W Dual CCFL Programmable Inverter Module | 1 2 3 4 5 More | Microsemi Corporation |
| MCA-10 | 10W Ultraminiature Modular Switching Power Supplies | 1 2 3 4 5 | Astrodyne Corporation |
| SKE10 | 10W DC-DC Regulated Single Output Converter | 1 | Mean Well Enterprises Co., Ltd. |
| FDC37C93X | Plug and Play Compatible Ultra I/O Controller | 1 2 3 4 5 More | SMSC Corporation |
| L9524C | Glow plug system control IC | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 |
Link URL |
|
|