Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ939 Datasheet (PDF) - American Zettler, Inc.

AZ939 Datasheet PDF - American Zettler, Inc.
Part # AZ939
Download  AZ939 Download

File Size   102.73 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description SENSITIVE SUBMINIATURE RELAY

AZ939 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ939 Datasheet PDF - American Zettler, Inc.

Part # AZ939
Download  AZ939 Click to download

File Size   102.73 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description SENSITIVE SUBMINIATURE RELAY

AZ939 Datasheet (HTML) - American Zettler, Inc.

AZ939 Datasheet HTML 1Page - American Zettler, Inc. AZ939 Datasheet HTML 2Page - American Zettler, Inc.

AZ939 Product details

FEATURES
• Extremely small footprint utilizing only 0.22 square inch of PCB area
• Thin vertical profile only 0.283" wide
• 1 Form A contact with up to 3 Amp switching capability
• High sensitivity, 113 mW pickup
• Dielectric strength 4000 Vrms contact to coil
• Coils to 24 VDC
• Epoxy sealed for automatic wave soldering and cleaning
• UL, CUR file E43203




Similar Part No. - AZ939

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ9305-01G AMAZING-AZ9305-01G Datasheet
119Kb / 6P
   Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/05/27
AZ9305-01G.R7G AMAZING-AZ9305-01G.R7G Datasheet
119Kb / 6P
   Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/05/27
AZ9313-01F AMAZING-AZ9313-01F Datasheet
118Kb / 6P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/12/10
AZ9313-01F.R7G AMAZING-AZ9313-01F.R7G Datasheet
118Kb / 6P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/12/10
AZ9315-01F AMAZING-AZ9315-01F Datasheet
115Kb / 6P
   Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/12/10
More results


Similar Description - AZ939

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6951 AZETTLER-AZ6951 Datasheet
146Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ699 ETC-AZ699 Datasheet
128Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ695 ETC1-AZ695 Datasheet
45Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ937 ZETTLER-AZ937 Datasheet
62Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991_12 Datasheet
53Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ699 ZETTLER-AZ699 Datasheet
173Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991 Datasheet
55Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6991 AZETTLER-AZ6991 Datasheet
100Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ9371 ZETTLER-AZ9371 Datasheet
53Kb / 3P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ937 AZETTLER-AZ937 Datasheet
88Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com