|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AZ881 - 8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING) - American Zettler, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AZ880 | 10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE NON-LATCHING AND BISTABLE LATCHING | 1 2 3 | American Zettler, Inc. |
| AZ830 | POLARIZED DIP RELAY SINGLE SIDE STABLE | 1 2 | American Zettler, Inc. |
| AZ832 | POLARIZED DIP RELAY SINGLE SIDE STABLE | 1 2 3 | American Zettler, Inc. |
| AZ766 | SPST SUBMINIATURE POWER RELAY | 1 2 | American Zettler, Inc. |
| PS3 | Monostable or bistable relays Single and double Coil magnet latching Type available | 1 2 | DB Lectro Inc |
| AZ830P | POLARIZED DIP RELAY BISTABLE LATCHING | 1 2 | American Zettler, Inc. |
| AZ832P | POLARIZED DIP RELAY BISTABLE LATCHING | 1 2 | American Zettler, Inc. |
| VN540-E | SINGLE HIGH SIDE SMART POWER SOLID STATE RELAY | 1 2 3 4 5 More | STMicroelectronics |
| AZ765 | SPST SUBMINIATURE POWER RELAY | 1 2 | American Zettler, Inc. |
| VN21_04 | ISO HIGH SIDE SMART POWER SOLID STATE RELAY | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|