|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AZ770 - SPDT SUBMINIATURE POWER RELAY - American Zettler, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AZ767 | SPDT SUBMINIATURE POWER RELAY | 1 2 | American Zettler, Inc. |
| HF7FF | SUBMINIATURE HIGH POWER RELAY | 1 2 3 | Hongfa Technology |
| HF41F | SUBMINIATURE POWER RELAY | 1 2 3 | Hongfa Technology |
| JE8 | SUBMINIATURE INTERMEDIATE POWER RELAY | 1 2 3 | Hongfa Technology |
| AZ696 | 10 AMP SUBMINIATURE POWER RELAY | 1 2 | American Zettler, Inc. |
| AZ761 | 12 A SPDT MINIATURE POWER RELAY | 1 2 3 | American Zettler, Inc. |
| HF42F | SUBMINIATURE INTERMEDIATE POWER RELAY | 1 2 3 | Hongfa Technology |
| AZ762H | 16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY | 1 2 3 | American Zettler, Inc. |
| HF43F | SUBMINIATURE INTERMEDIATE POWER RELAY | 1 2 3 | Hongfa Technology |
| HF7520 | SUBMINIATURE POWER RELAY | 1 2 3 4 | Hongfa Technology |
Datasheet Page |
1 2 |
Link URL |
|
|