|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AZ762F - 20 A SPST MINIATURE POWER RELAY WITH QUICK CONNECTS - American Zettler, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HF14FW | MINIATURE HIGH POWER RELAY | 1 2 3 | Hongfa Technology |
| HF105F-5 | MINIATURE HIGH POWER RELAY | 1 2 3 4 | Hongfa Technology |
| HF2110 | MINIATURE HIGH POWER RELAY | 1 2 3 4 5 More | Hongfa Technology |
| AZ683 | MINIATURE POWER RELAY | 1 2 | American Zettler, Inc. |
| AZ761 | 12 A SPDT MINIATURE POWER RELAY | 1 2 3 | American Zettler, Inc. |
| HF18FF | MINIATURE INTERMEDIATE POWER RELAY | 1 2 3 | Hongfa Technology |
| HF115F | MINIATURE HIGH POWER RELAY | 1 2 3 4 | Hongfa Technology |
| HF2160 | MINIATURE HIGH POWER RELAY | 1 2 3 4 | Hongfa Technology |
| Z202 | Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 % | 1 2 3 4 | Vishay Siliconix |
| AZ692 | 10 AMP MINIATURE POWER RELAY | 1 2 3 4 | American Zettler, Inc. |
Datasheet Page |
1 2 |
Link URL |
|
|