|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EDR-S-30B-L-SFCE - ELED FC Receptacle - Source Photonics, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EDR-L-30B-L-NSTA | ELED ST Receptacle | 1 2 3 | Source Photonics, Inc. |
| EDR-L-30B-L-SSTA | ELED ST Receptacle | 1 2 3 | Source Photonics, Inc. |
| EDR-L-30B-L-SFCE | ELED FC Receptacle | 1 2 3 4 | Source Photonics, Inc. |
| EDR-S-30B-L-SSTA | ELED ST Receptacle | 1 2 3 | Source Photonics, Inc. |
| SGC-GC-30B-L-1SFC | ELED FC Sugar Cube Transmitter Preliminary | 1 2 3 | Source Photonics, Inc. |
| DL-5500S-1490 | 1490 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE | 1 2 | Optoway Technology Inc |
| PT-9530 | 3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE | 1 2 | Optoway Technology Inc |
| RSM1-10-SG-SMT-A | .100 RECEPTACLE STRIPS | 1 | Adam Technologies, Inc. |
| SGC-GC-30B-L-1SSC | ELED SC Sugar Cube Transmitter Preliminary | 1 2 3 | Source Photonics, Inc. |
| DL-5500S-1625 | 1625 nm DFB LASER DIODE MODULES 2.5 Gbps UNCOOLED MQW DFB LD WITH RECEPTACLE | 1 2 | Optoway Technology Inc |
Datasheet Page |
1 2 3 |
Link URL |
|
|