|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BL-Q120B-41S-20 - LED NUMERIC DISPLAY, 4 DIGIT - BetLux Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KW1-521 | LED Numeric Display Single Digit 0.52 | 1 | Lucky Light Electronic |
| KW1-1502XY | Multi-Color LED Numeric Display Single Digit 1.50" | 1 | Lucky Light Electronic |
| KW2-521 | LED Numeric Display Dual Digit 0.52" | 1 | Lucky Light Electronic |
| KW4-305 | LED Numeric Display Four Digit 0.30" | 1 | Lucky Light Electronic |
| KWE-401 | LED Numeric Display Three Digit 0.40 | 1 | Lucky Light Electronic |
| BL-D40E-21S | LED NUMERIC DISPLAY 2 DIGIT | 1 2 3 4 | BetLux Electronics |
| BL-D54A-21S | LED NUMERIC DISPLAY 2 DIGIT ALPHANUMERIC DISPLAY | 1 2 3 4 | BetLux Electronics |
| BL-D80E-21S | LED NUMERIC DISPLAY 2 DIGIT | 1 2 3 4 | BetLux Electronics |
| BL-Q28M-41S | LED NUMERIC DISPLAY 4 DIGIT | 1 2 3 4 | BetLux Electronics |
| BL-Q36G-41S | LED NUMERIC DISPLAY 4 DIGIT | 1 2 3 4 | BetLux Electronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|