|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
501461 - 0.30mm (.012") Pitch FPC Connector 1.05mm (.041") Height - Molex Electronics Ltd. |
|
Click 501461 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 49063 | 0.30mm .012Ħħ Pitch FPC Connector 1.20mm .047Ħħ Height | Molex Electronics Ltd. |
| FX8C-60P-SV | 0.6mm Pitch Stacking Height 3mm to 16mm Connector | Hirose Electric |
| FCZ254-07DL | PITCH CONNECTOR | YEONHO ELECTRONICS |
| FCZ254-08R_06 | 2.54mm PITCH CONNECTOR | YEONHO ELECTRONICS |
| 487952 | 1.0 mm FPC Connector Right Angle SMT Bottom Contact | Tyco Electronics |
| 177983-0 | RECEPTACLE ASSEMBLY SH TYPE O.5 BOSS LENGTH FOR FH 0.8MM PITCH B-T-B CONNECTOR | ETC |
| FCZ254-13B | 2.54mm PITCH CONNECTOR | YEONHO ELECTRONICS |
| FCZ100E-04RS-K_07 | 1.00mm PITCH CONNECTOR | YEONHO ELECTRONICS |
| 45970 | 1.27 by 1.27mm .050 by .050Ħħ Pitch SEARAY* Connector | Molex Electronics Ltd. |
| FCZ100C-04RS-K_07 | 1.00mm PITCH CONNECTOR | YEONHO ELECTRONICS |
Link URL |
|
|
Related keyword |
| 501461 Datasheet | 501461 Cross Reference | 501461 Schematic | 501461 Distributor | 501461 Datenblatt | 501461 RoHS |
| 501461 Equivalent | 501461 Application Notes | 501461 Data Sheet | 501461 component | 501461 Fiche Technique | 501461 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |