|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
45970-3181 - 1.27 by 1.27mm (.050 by .050Ħħ) Pitch SEARAY* Connector - Molex Electronics Ltd. |
|
Click 45970-3181 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 3406-3000 | designed for IDC Insulation Displacement Connector connection with 1.27mm pitch flat cable | ETC |
| 12508HR-04_06 | 1.25mm PITCH CONNECTOR | YEONHO ELECTRONICS |
| 12508BR-04_06 | 1.25mm PITCH CONNECTOR | YEONHO ELECTRONICS |
| 05002HR-40M | 0.02" PITCH CONNECTOR | YEONHO ELECTRONICS |
| S2BSR682BL2 | .050 [1.27] RIBBON CONNECTOR RIGHT ANGLE PCB MOUNT | Adam Technologies, Inc. |
| S2B-SR-14 | .050 [1.27] RIBBON CONNECTOR RIGHT ANGLE PCB MOUNT | Adam Technologies, Inc. |
| FX8C-60P-SV | 0.6mm Pitch Stacking Height 3mm to 16mm Connector | Hirose Electric |
| FCZ254-08S_06 | PITCH CONNECTOR | YEONHO ELECTRONICS |
| 49063 | 0.30mm .012Ħħ Pitch FPC Connector 1.20mm .047Ħħ Height | Molex Electronics Ltd. |
| HDCE188G | HIGH DENSITY CARD EDGE .050 [1.27] CENTERLINE EISA CONNECTOR | Adam Technologies, Inc. |
Link URL |
|
|
Related keyword |
| 45970-3181 Datasheet | 45970-3181 Cross Reference | 45970-3181 Schematic | 45970-3181 Distributor | 45970-3181 Datenblatt | 45970-3181 RoHS |
| 45970-3181 Equivalent | 45970-3181 Application Notes | 45970-3181 Data Sheet | 45970-3181 component | 45970-3181 Fiche Technique | 45970-3181 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |