|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
45970-2311 - 1.27 by 1.27mm (.050 by .050”) Pitch SEARAY* Connector - Molex Electronics Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 3406-3000 | designed for IDC Insulation Displacement Connector connection with 1.27mm pitch flat cable | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| 12508HR-04_06 | 1.25mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 12508BR-04_06 | 1.25mm PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 05002HR-40M | 0.02" PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| S2BSR682BL2 | .050 [1.27] RIBBON CONNECTOR RIGHT ANGLE PCB MOUNT | 1 | Adam Technologies, Inc. |
| S2B-SR-14 | .050 [1.27] RIBBON CONNECTOR RIGHT ANGLE PCB MOUNT | 1 | Adam Technologies, Inc. |
| FX8C-60P-SV | 0.6mm Pitch Stacking Height 3mm to 16mm Connector | 1 2 3 4 5 More | Hirose Electric |
| FCZ254-08S_06 | PITCH CONNECTOR | 1 | YEONHO ELECTRONICS |
| 49063 | 0.30mm .012â Pitch FPC Connector 1.20mm .047â Height | 1 2 | Molex Electronics Ltd. |
| HDCE188G | HIGH DENSITY CARD EDGE .050 [1.27] CENTERLINE EISA CONNECTOR | 1 2 | Adam Technologies, Inc. |
Datasheet Page |
1 2 |
Link URL |
|
|