|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BL-M15D882PG - LED DOT MATRIX - BetLux Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KWM-19881 | 8 x 8 Dot Matrix 1.9mm Dot LED Display | 1 | Lucky Light Electronic |
| KWM-50881XY | 8 x 8 Dot Matrix 5.0mm Dot Multi-Color LED Display | 1 | Lucky Light Electronic |
| BL-M12A572S | LED DOT MATRIX | 1 2 3 4 | BetLux Electronics |
| BL-M12G571SG | LED DOT MATRIX | 1 2 3 | BetLux Electronics |
| D3232SL-88 | LED DOT MATRIX | 1 2 3 | Seoul Semiconductor |
| KWM-30571 | 5 x 7 Dot Matrix 3.0mm Dot LED Display | 1 | Lucky Light Electronic |
| KWM-50882 | 8 x 8 Dot Matrix 5.0mm Dot LED Display | 1 | Lucky Light Electronic |
| BL-M12A573S | LED DOT MATRIX | 1 2 3 4 | BetLux Electronics |
| BL-M13A671S | LED DOT MATRIX | 1 2 3 4 | BetLux Electronics |
| SSD-D3264DM | LED DOT MATRIX MODULE | 1 2 3 4 5 More | Seoul Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|