|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FTM-3112C-SLEG - 1.25Gbps Spring-latch SFP Transceiver - Source Photonics, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FTM-6112C-SL10043G | 1.25Gbps CWDM Spring-latch SFP Transceiver | 1 2 3 4 5 More | Source Photonics, Inc. |
| FTM-3413C-SLCG | 100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver | 1 2 3 4 5 More | Source Photonics, Inc. |
| FTM-3128C-SL2IG | 155Mï½2.67Gbps Spring-latch SFP Transceiver | 1 2 3 4 5 More | Source Photonics, Inc. |
| ATR-S0203 | 1.25Gbps Single Mode SFP Transceiver 20km | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| FTM-5112C-SL80G | 1.25G Spring-Latch SFP Transceiver | 1 2 3 4 5 More | Source Photonics, Inc. |
| FTM-5112C-SL80IG | 1.25G Spring-Latch SFP Transceiver | 1 2 3 4 5 More | Source Photonics, Inc. |
| FTM-3401C-SL10CG | 100BASE-LX Spring-Latch SFP Transceiver | 1 2 3 4 5 More | Source Photonics, Inc. |
| FTM-6128C-SL5047G | 155M~2.67Gbps Spring-latch SFP Transceiver | 1 2 3 4 5 More | Source Photonics, Inc. |
| FTM-3401C-SL2CG | 100BASE-FX Spring-Latch SGMII SFP Transceiver | 1 2 3 4 5 More | Source Photonics, Inc. |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|