|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
7P20-TN3-R - 200V P-CHANNEL MOSFET - Unisonic Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZXMP2120FF | 200V SOT23F P-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| KQB12P20 | 200V P-Channel MOSFET | 1 2 | Guangdong Kexin Industrial Co.,Ltd |
| FDMA1025P | Dual P-Channel PowerTrench MOSFET -20V -3.1A 105mohm | 1 2 3 4 5 More | Fairchild Semiconductor |
| SI1025X_08 | P-Channel 60-V D-S MOSFET | 1 2 3 4 5 | Vishay Siliconix |
| SI1411DH | P-Channel 150-V D-S MOSFET | 1 2 3 4 5 More | Vishay Siliconix |
| SI3451DV | P-Channel 20-V D-S MOSFET | 1 2 3 4 5 More | Vishay Siliconix |
| SI3499DV_08 | P-Channel 1.5-V G-S MOSFET | 1 2 3 4 5 More | Vishay Siliconix |
| SI5403DC | P-Channel 30-V D-S MOSFET | 1 2 3 4 5 More | Vishay Siliconix |
| SUD50P04-40P | P-Channel 40-V D-S MOSFET | 1 2 3 4 5 More | Vishay Siliconix |
| FDFM2P110_0508 | Integrated P-Channel PowerTrench® MOSFET and Schottky Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|