|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EIA1011-4P - 10.7-11.7GHz, 4W Internally Matched Power FET - Excelics Semiconductor, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| EIB1011-2P | 10.7-11.7GHz 2W Internally Matched Power FET | 1 | Excelics Semiconductor, Inc. |
| EIA1314-8P | 13.75-14.5GHz 8W Internally Matched Power FET | 1 | Excelics Semiconductor, Inc. |
| EIA1314A-2P | 13.0-14.5GHz 2W Internally Matched Power FET | 1 | Excelics Semiconductor, Inc. |
| EIA1314A-4P | 13.0-14.5GHz 4W Internally Matched Power FET | 1 | Excelics Semiconductor, Inc. |
| EIA1314A-8P | 13.0-14.5GHz 8W Internally Matched Power FET | 1 | Excelics Semiconductor, Inc. |
| EIA1414-8P | 14.0-14.5GHz 8W Internally Matched Power FET | 1 | Excelics Semiconductor, Inc. |
| EIA1415-8P | 14.4-15.35GHz 8W Internally Matched Power FET | 1 | Excelics Semiconductor, Inc. |
| EIA1415A-2P | 14.0-15.35GHz 2W Internally Matched Power FET | 1 | Excelics Semiconductor, Inc. |
| EIA1415A-4P | 14.0-15.35GHz 4W Internally Matched Power FET | 1 | Excelics Semiconductor, Inc. |
Datasheet Page |
1 |
Link URL |
|
|