|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EMP213-Q5 - 12.5 - 16.5 GHz Surface-Mounted PA - Excelics Semiconductor, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HMC642LC5 | GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER 9 - 12.5 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| EMP108-Q5 | 7.0 - 9.5 GHz Surface-Mounted PA | 1 2 3 | Excelics Semiconductor, Inc. |
| EMP114-Q5 | 7.0 - 9.0 GHz Surface-Mounted PA | 1 2 3 | Excelics Semiconductor, Inc. |
| EMP211-Q5 | 9.5 - 12.0 GHz Surface-Mounted PA | 1 2 3 | Excelics Semiconductor, Inc. |
| EMP213 | 12.5 - 15.5 GHz Power Amplifier MMIC | 1 2 3 4 | Excelics Semiconductor, Inc. |
| EMP109-Q5 | 5.0 - 6.4 GHz Surface-Mounted PA | 1 2 3 | Excelics Semiconductor, Inc. |
| EMP212-Q5 | 9.5 -12.0 GHz Surface-Mounted PA | 1 2 3 4 | Excelics Semiconductor, Inc. |
| EMP207-Q5 | 17.0 - 20.0 GHz Surface-Mounted PA | 1 2 3 | Excelics Semiconductor, Inc. |
| VSC5531 | 10 GHz to 12.5 GHz Clock Driver | 1 | Vitesse Semiconductor Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|