
Electronic Component's Datasheet Search Site 
Mirror site (Language) :
English
, Chinese
, German
, Japanese
, Russian
, Korean
, Spanish
, French
, Italian
, Portuguese
, Polish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
|
|
|
Featured Products and Offers |
DOS16-12T Datasheet (PDF) - Power Mate Technology Co., LTD - Non-isolated Point of load DC/DC converters
|
|
|
|
| Part No. | DOS16-12T |
|
| Download |
DOS16-12T Click to view |
|
| File Size | 236.21 Kbytes |
|
| Page | 3 Pages |
|
| Maker | P-DUKE [Power Mate Technology Co., LTD] |
|
| Homepage | http://www.pduke.com |
|
| Logo |  |
|
|
|
|
|
| |
DOS16-12T Datasheet (HTML) |
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DOS10-05T | Non-isolated Point of load DC/DC converters | 1 2 3 | Power Mate Technology Co., LTD | | DOS10-12T | Non-isolated Point of load DC/DC converters | 1 2 3 | Power Mate Technology Co., LTD | | DOS16-05T | Non-isolated Point of load DC/DC converters | 1 2 3 | Power Mate Technology Co., LTD | | DOS06-05T | Non-isolated Point of load DC/DC converters | 1 2 3 | Power Mate Technology Co., LTD | | DOS06-12T | Non-isolated Point of load DC/DC converters | 1 2 3 | Power Mate Technology Co., LTD | | NC12S0A0H15PNFA | Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5.0Vout 15A | 1 2 3 4 5 More | Delta Electronics, Inc. | | ND12S0A0V50PNFA | Delphi ND Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V~3.63Vout 50Aout | 1 2 3 4 5 More | Delta Electronics, Inc. | | DNT04 | Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin 0.75~3.3Vo 3A out | 1 2 3 4 5 More | Delta Electronics, Inc. | | NC12S0A0H06PNFA | Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V~5.0Vout 6A | 1 2 3 4 5 More | Delta Electronics, Inc. | | NC12S0A0H20PNFA | Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin 0.9V-5.0Vout 20A | 1 2 3 4 5 More | Delta Electronics, Inc. |
Related keyword |
| DOS16-12T Datasheet | DOS16-12T Cross Reference | DOS16-12T Schematic | DOS16-12T Distributor | DOS16-12T Datenblatt | DOS16-12T RoHS |
| DOS16-12T Equivalent | DOS16-12T Application Notes | DOS16-12T Data Sheet | DOS16-12T component | DOS16-12T Fiche Technique | DOS16-12T Circuit |
|