|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EIM1011-4 - 10.7-11.7GHz Multi-Stage Power Amplifier - Excelics Semiconductor, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EIM0910-4 | 9.5-10.5GHz Multi-Stage Power Amplifier | 1 2 3 | Excelics Semiconductor, Inc. |
| EIM1213-4 | 12.75 - 13.25GHz Multi-Stage Power Amplifier | 1 2 3 | Excelics Semiconductor, Inc. |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| EIM1314-4 | 13.75-14.50GHz Multi-Stage Power Amplifier | 1 2 3 | Excelics Semiconductor, Inc. |
| EIM1314-5 | 13.75-14.50GHz Multi-Stage Power Amplifier | 1 2 3 | Excelics Semiconductor, Inc. |
| EIM1415-4 | 14.40-15.40GHz Multi-Stage Power Amplifier | 1 2 3 | Excelics Semiconductor, Inc. |
| UPC2762TB | 3 V SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| MC-7845_06 | 870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| AM42-0039_1 | 2Watt C-Band VSAT Power Amplifier 5.9-7.1GHz | 1 2 3 | Tyco Electronics |
| MAAPGM0016-DIE | 5W Ku-Band Power Amplifier 12.0-15.0 GHz | 1 2 3 4 5 | Tyco Electronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|